PART |
Description |
Maker |
HS-2420RH HS-2420RH03 HS1B-2420RH-Q HS-2420RH-03 |
Sample and Hold, Single, 2.5MHz, 4s, Rad-Hard Radiation Hardened Fast Sample and Hold
|
Intersil Corporation
|
DS1843D DS1843DTRL DS1843 |
Fast Sample-and-Hold Circuit
|
Maxim Integrated Products
|
UPC649C |
SAMPLE AND HOLD CIRCUIT
|
List of Unclassifed Manufacturers
|
SPT674 |
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
|
Cadeka Microcircuits LL...
|
SPT774 SPT774CCJ SPT774CCN SPT774CCS SPT774BCS SPT |
FAST / COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
|
SPT Fairchild Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
HA5351883 HA5351_883 HA-5351MJ_883 HA-5351MJ/883 H |
Fast Acquisition, Low Power Sample and Hold Amplifier
|
INTERSIL[Intersil Corporation]
|
5962F7802005Q2A 5962-7802001MFA 5962-7802002MFA 59 |
32-Channel Sample/Hold Amplifier with Output Clamping Diodes 线路接收 Line Receiver 线路接收 32-Channel Sample/Hold Amplifier with a Single Multiplexed Input 线路接收
|
SIEMENS AG
|
EVAL-AD5533EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-5 |
32-Channel Precision Infinite Sample-and-Hold 32 Channel Voltage Translation Function With An Infinite Output Hold Capability
|
AD[Analog Devices]
|
EE3700 EE3600 EE5700 EE5500 EE1100 |
3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: 0°C to 70°C; Package: 14-CerDIP 3.2 Microsecond Sample and Hold Amplifiers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 14-CerDIP Low Noise, High Performance, Quad Operational Amplifier; Temperature Range: -55°C to 125°C; Package: 14-CerDIP 模拟IC 100MHz 100mA VCOM Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 模拟IC
|
Intel, Corp. Samtec, Inc.
|